| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3102A18-3SW Fiches technique(PDF) 48 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3102A18-3SW Fiches technique(HTML) 48 Page - Amphenol Corporation |
|
48 / 73 page ![]() 47 front face of pin insert or rear face of socket insert illustrated Special contact arrangements Insert Arrangement 44-52 44-53 48-51 Service Rating AAA Number of Contacts 104 18 18 42 10 4 Contact Size 16 16 8 (Coax) RG-124/U 16 8 0 (Coax) RG-41/U Insert Arrangement 48-52 48-53 Service Rating A D Number of Contacts 56 5 37 Contact Size 16 0 (Coax) RG-41/U 12 CONTACT LEGEND 16 12 8 4 0 A B C D E F H J K L M N P R S T U V W X Y Z a b c d f g h i j k m n p q 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 A B C D 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 A B C D E AB C D EF G H J KL M N P R ST U V WX Z a b c d ef gh j k m np r s AB CD E F H J K LM N P R S T U VW X Y Z a b c d f g hi j kmn p rt u v w sx y z q BA BB BC BD BE BF BH BJ BK BL BM BN BP BR BS BT BU BV BW BX BY BZ CA CB CC CD CE CF CH CJ CK CL CM CN CP CR CS AA AB AC AD AE AF AH AJ AK AL AM AN AP AR AS AT AU AV AW AX AY AZ |