| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3101A18-3SW Fiches technique(PDF) 70 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101A18-3SW Fiches technique(HTML) 70 Page - Amphenol Corporation |
|
70 / 73 page ![]() 69 When proprietary crimp contacts are employed rather than the standard MS approved solder contacts, the fol- lowing application tools are recommended for use. There is a possibility of additional crimping tools other than those included being available at present or in the future for this specific application. Complete instructions for providing reliable crimped wire to contact terminations and inserting proprietary crimp contacts in MS/Standard series connectors are available in publication L-757. * Use Daniels Turret TH29-1 or Astro Tool Co. Turret 616266. ** For appropriate crimp tool and positioner refer to Pico Crimping Tool Co. † Tool used with Arbor press 11-7364. TOOLING CHART Crimping Tool Positioner/ Turret Contact Size Contact Style Insertion Tool Removal Tool M22520/1-01 * 16 Pin & Socket 11-7345 11-8250 Kit M22520/1-01 * 12 Pin & Socket 11-7082 11-8250 Kit ** ** 8 Pin & Socket 11-8220 11-8250 Kit ** ** 4 Pin & Socket 11-7365-4† Pin 11-7370-4† Socket 11-7674-2† ** ** 0 Pin & Socket 11-7365-5† Pin 11-7370-5† Socket 11-7674-3† MS/Standard application tools |