| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3101A18-3SW Fiches technique(PDF) 40 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101A18-3SW Fiches technique(HTML) 40 Page - Amphenol Corporation |
|
40 / 73 page ![]() 39 front face of pin insert or rear face of socket insert illustrated Special contact arrangements Insert Arrangement 24-59 24-60 24-65 24-66 24-67 Service Rating A A A D Inst. Number of Contacts 7 7 7* 11 4 7 19 Contact Size 12 16 8 for #10 or 12 wire 12 16 12 12 Insert Arrangement 24-71 24-75 24-79 24-80 24-84 Service Rating A A A Inst. A Number of Contacts 2* 5* 5 2 5 23 1 18 Contact Size 8 8 for #10 or 12 wire 8 8 for #16 wire 8 16 12 12 (Coax) RG-188/U or RG-174/U Insert Arrangement 24-96 24-AJ 28-51 28-59 Service Rating Inst. A A A Number of Contacts 28 25 12 7 10 Contact Size 16 16 12 12 16 * Solderless CONTACT LEGEND 16 12 8 4 0 A B C D E F H J K L M N P R A B C D E F G A B C D E F H J K L M N P R S A B C D E F G A B C D E F G A B C D E F G A B C D E AB C D EF G H J KL M N P Q R ST U V WX Z 90˚ A B C D E F G H J K L M N P R S T U V 90˚ A B C D E F G H J K L M N P R S T U V 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 A B C D E F H J K L M N AB C D E F H JK L M N PR S T U A B C D E F G H J K L M N P Q R S T U V W X Z Y a |