| Moteur de recherche de fiches techniques de composants électroniques |
|
STM1810M Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1810M Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 25 page ![]() DC and AC parameters STM1810/1811/1812/1813/1815/1816/1817/1818 18/25 Doc ID11464 Rev 8 5 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics tables that follow, are derived from tests performed under the measurement conditions summarized in Table 8. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 20. AC testing input/output waveforms Table 8. Operating and AC measurement conditions Parameter STM1810 - 1818 Unit VCC supply voltage 1.0 to 5.5 V Ambient operating temperature (TA) –40 to 105 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8 VCC V Input and output timing ref. voltages 0.3 to 0.7 VCC V |