| Moteur de recherche de fiches techniques de composants électroniques |
|
1.5-VLVCMOS Fiches technique(PDF) 34 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
1.5-VLVCMOS Fiches technique(HTML) 34 Page - Altera Corporation |
|
34 / 34 page ![]() 1–34 Chapter 1: Cyclone III Device Datasheet Document Revision History Cyclone III Device Handbook July 2012 Altera Corporation Volume 2 May 2007 1.1 ■ Corrected current unit in Tables 1-1, 1-12, and 1-14. ■ Added Note (3) to Table 1-3. ■ Updated Table 1-4 with ICCINT0, ICCA0, ICCD_PLL0, and ICCIO0 information. ■ Updated Table 1-9 and added Note (2). ■ Updated Table 1-19. ■ Updated Table 1-22 and added Note (1). ■ Changed I/O standard from 1.5-V LVTTL/LVCMOS and 1.2-V LVTTL/LVCMOS to 1.5-V LVCMOS and 1.2-V LVCMOS in Tables 1-41, 1-42, 1-43, 1-44, and 1-45. ■ Updated Table 1-43 with changes to LVPEC and LVDS and added Note (5). ■ Updated Tables 1-46, 1-47, Tables 1-54 through 1-95, and Tables 1-98 through 1-111. ■ Removed speed grade –6 from Tables 1-90 through 1-95, and from Tables 1-110 through 1-111. ■ Added a waveform (Receiver Input Waveform) in glossary under letter “R” (Table 1-112). March 2007 1.0 Initial release. Table 1–40. Document Revision History (Part 3 of 3) Date Version Changes |