Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1.5-VLVCMOS Fiches technique(PDF) 11 Page - Altera Corporation

No de pièce 1.5-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

1.5-VLVCMOS Fiches technique(HTML) 11 Page - Altera Corporation

Back Button 1.5-VLVCMOS Datasheet HTML 7Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 8Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 9Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 10Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 11Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 12Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 13Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 14Page - Altera Corporation 1.5-VLVCMOS Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–11
Electrical Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
Table 1–14. Cyclone III Devices Single-Ended SSTL and HSTL I/O Reference Voltage Specifications (1)
I/O
Standard
VCCIO (V)
VREF (V)
VTT (V) (2)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SSTL-2
Class I, II
2.375
2.5
2.625
1.19
1.25
1.31
VREF –
0.04
VREF
VREF +
0.04
SSTL-18
Class I, II
1.7
1.8
1.9
0.833
0.9
0.969
VREF –
0.04
VREF
VREF +
0.04
HSTL-18
Class I, II
1.71
1.8
1.89
0.85
0.9
0.95
0.85
0.9
0.95
HSTL-15
Class I, II
1.425
1.5
1.575
0.71
0.75
0.79
0.71
0.75
0.79
HSTL-12
Class I, II
1.14
1.2
1.26
0.48 * VCCIO (3)
0.5 * VCCIO (3)
0.52 * VCCIO (3)
—
0.5 *
VCCIO
—
0.47 * VCCIO (4)
0.5 * VCCIO (4)
0.53 * VCCIO (4)
Notes to Table 1–14:
(1) For an explanation of terms used in Table 1–14, refer to “Glossary” on page 1–27.
(2) VTT of transmitting device must track VREF of the receiving device.
(3) Value shown refers to DC input reference voltage, VREF(DC).
(4) Value shown refers to AC input reference voltage, VREF(AC).
Table 1–15. Cyclone III Devices Single-Ended SSTL and HSTL I/O Standards Signal Specifications
I/O
Standard
VIL(DC) (V)
VIH(DC) (V)
VIL(AC) (V)
VIH(AC) (V)
VOL (V)
VOH (V)
IOL
(mA)
IOH
(mA)
Min
Max
Min
Max
Min
Max
Min
Max
Max
Min
SSTL-2
Class I
—
VREF –
0.18
VREF +
0.18
——
VREF –
0.35
VREF +
0.35
—
VTT –
0.57
VTT +
0.57
8.1
–8.1
SSTL-2
Class II
—
VREF –
0.18
VREF +
0.18
——
VREF –
0.35
VREF +
0.35
—
VTT –
0.76
VTT +
0.76
16.4
–16.4
SSTL-18
Class I
—
VREF –
0.125
VREF +
0.125
——
VREF –
0.25
VREF +
0.25
—
VTT –
0.475
VTT +
0.475
6.7
–6.7
SSTL-18
Class II
—
VREF –
0.125
VREF +
0.125
——
VREF –
0.25
VREF +
0.25
—0.28
VCCIO –
0.28
13.4
–13.4
HSTL-18
Class I
—
VREF –
0.1
VREF +
0.1
——
VREF –
0.2
VREF +
0.2
—0.4
VCCIO –
0.4
8–8
HSTL-18
Class II
—
VREF –
0.1
VREF +
0.1
——
VREF –
0.2
VREF +
0.2
—0.4
VCCIO –
0.4
16
–16
HSTL-15
Class I
—
VREF –
0.1
VREF +
0.1
——
VREF –
0.2
VREF +
0.2
—0.4
VCCIO –
0.4
8–8
HSTL-15
Class II
—
VREF –
0.1
VREF +
0.1
——
VREF –
0.2
VREF +
0.2
—0.4
VCCIO –
0.4
16
–16
HSTL-12
Class I
–0.15
VREF –
0.08
VREF +
0.08
VCCIO + 0.15 –0.24
VREF –
0.15
VREF +
0.15
VCCIO +
0.24
0.25 ×
VCCIO
0.75 ×
VCCIO
8–8
HSTL-12
Class II
–0.15
VREF –
0.08
VREF +
0.08
VCCIO + 0.15 –0.24
VREF –
0.15
VREF +
0.15
VCCIO +
0.24
0.25 ×
VCCIO
0.75 ×
VCCIO
14
–14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34