Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP-21486KSWZ-2AB Fiches technique(PDF) 58 Page - Analog Devices

No de pièce ADSP-21486KSWZ-2AB
Description  SHARC Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP-21486KSWZ-2AB Fiches technique(HTML) 58 Page - Analog Devices

Back Button ADSP-21486KSWZ-2AB Datasheet HTML 54Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 55Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 56Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 57Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 58Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 59Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 60Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 61Page - Analog Devices ADSP-21486KSWZ-2AB Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
Rev. B
|
Page 58 of 68
|
March 2013
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
100-LQFP_EP LEAD ASSIGNMENT
Table 59. 100-Lead LQFP_EP Lead Assignments (Numerical by Lead Number)
Lead Name
Lead No.
Lead Name
Lead No.
Lead Name
Lead No.
Lead Name
Lead No.
VDD_INT
1VDD_EXT
26
DAI_P10
51
VDD_INT
76
CLK_CFG1
2
DPI_P08
27
VDD_INT
52
FLAG0
77
BOOT_CFG0
3
DPI_P07
28
VDD_EXT
53
VDD_INT
78
VDD_EXT
4VDD_INT
29
DAI_P20
54
VDD_INT
79
VDD_INT
5
DPI_P09
30
VDD_INT
55
FLAG1
80
BOOT_CFG1
6
DPI_P10
31
DAI_P08
56
FLAG2
81
GND
7
DPI_P11
32
DAI_P04
57
FLAG3
82
NC
8
DPI_P12
33
DAI_P14
58
MLBCLK
83
NC
9
DPI_P13
34
DAI_P18
59
MLBDAT
84
CLK_CFG0
10
DAI_P03
35
DAI_P17
60
MLBDO
85
VDD_INT
11
DPI_P14
36
DAI_P16
61
VDD_EXT
86
CLKIN
12
VDD_INT
37
DAI_P15
62
MLBSIG
87
XTAL
13
VDD_INT
38
DAI_P12
63
VDD_INT
88
VDD_EXT
14
VDD_INT
39
VDD_INT
64
MLBSO
89
VDD_INT
15
DAI_P13
40
DAI_P11
65
TRST
90
VDD_INT
16
DAI_P07
41
VDD_INT
66
EMU
91
RESETOUT/RUNRSTIN
17
DAI_P19
42
VDD_INT
67
TDO
92
VDD_INT
18
DAI_P01
43
GND
68
VDD_EXT
93
DPI_P01
19
DAI_P02
44
THD_M
69
VDD_INT
94
DPI_P02
20
VDD_INT
45
THD_P
70
TDI
95
DPI_P03
21
VDD_EXT
46
VDD_THD
71
TCK
96
VDD_INT
22
VDD_INT
47
VDD_INT
72
VDD_INT
97
DPI_P05
23
DAI_P06
48
VDD_INT
73
RESET
98
DPI_P04
24
DAI_P05
49
VDD_INT
74
TMS
99
DPI_P06
25
DAI_P09
50
VDD_INT
75
VDD_INT
100
GND
101*
MLB pins (pins 83, 84, 85, 87, and 89) are available for automotive models only. For non-automotive models, these pins should be connected
to ground (GND).
* Pin no. 101 is the GND supply (see Figure 48 and Figure 49) for the processor; this pad must be robustly connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68