Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

30F4013 Fiches technique(PDF) 56 Page - Microchip Technology

No de pièce 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Fiches technique(HTML) 56 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 52Page - Microchip Technology 30F4013 Datasheet HTML 53Page - Microchip Technology 30F4013 Datasheet HTML 54Page - Microchip Technology 30F4013 Datasheet HTML 55Page - Microchip Technology 30F4013 Datasheet HTML 56Page - Microchip Technology 30F4013 Datasheet HTML 57Page - Microchip Technology 30F4013 Datasheet HTML 58Page - Microchip Technology 30F4013 Datasheet HTML 59Page - Microchip Technology 30F4013 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 56
 2010 Microchip Technology Inc.
7.3
Input Change Notification Module
The input change notification module provides the
dsPIC30F devices the ability to generate interrupt
requests to the processor, in response to a Change-Of-
State (COS) on selected input pins. This module is
capable of detecting input Change-Of-States, even in
Sleep mode, when the clocks are disabled. There are
up to 10 external signals (CN0 through CN9, CN17 and
CN18) that may be selected (enabled) for generating
an interrupt request on a Change-Of-State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More