Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

30F4013 Fiches technique(PDF) 55 Page - Microchip Technology

No de pièce 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Fiches technique(HTML) 55 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 51Page - Microchip Technology 30F4013 Datasheet HTML 52Page - Microchip Technology 30F4013 Datasheet HTML 53Page - Microchip Technology 30F4013 Datasheet HTML 54Page - Microchip Technology 30F4013 Datasheet HTML 55Page - Microchip Technology 30F4013 Datasheet HTML 56Page - Microchip Technology 30F4013 Datasheet HTML 57Page - Microchip Technology 30F4013 Datasheet HTML 58Page - Microchip Technology 30F4013 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 228 page
background image
TABLE 7-1:
dsPIC30F3014/4013 PORT REGISTER MAP(1)
SFR Name Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISA
02C0
—
—
—
—
TRISA11
—
—
—
—
—
—
—
—
—
—
—
0000 1000 0000 0000
PORTA
02C2
—
—
—
—RA11
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
LATA
02C4
—
—
—
—LATA11
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
TRISB
02C6
—
—
—
TRISB12 TRISB11 TRISB10 TRISB9 TRISB8 TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0
0001 1111 1111 1111
PORTB
02C8
—
—
—
RB12
RB11
RB10
RB9
RB8
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
0000 0000 0000 0000
LATB
02CB
—
—
—
LATB12
LATB11
LATB10
LATB9
LATB8
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
0000 0000 0000 0000
TRISC
02CC TRISC15 TRISC14 TRISC13
—
—
—
—
—
—
—
—
—
—
—
—
—
1110 0000 0000 0000
PORTC
02CE
RC15
RC14
RC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
LATC
02D0
LATC15
LATC14
LATC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
TRISD
02D2
—
—
—
—
—
—
TRISD9 TRISD8
—
—
—
—
TRISD3 TRISD2 TRISD1 TRISD0
0000 0011 0000 1111
PORTD
02D4
—
—
—
—
—
—
RD9
RD8
—
—
—
—
RD3
RD2
RD1
RD0
0000 0000 0000 0000
LATD
02D6
—
—
—
—
—
—LATD9
LATD8
—
—
—
—
LATD3
LATD2
LATD1
LATD0
0000 0000 0000 0000
TRISF
02DE
—
—
—
—
—
—
—
—
—
TRISF6 TRISF5 TRISF4 TRISF3 TRISF2 TRISF1 TRISF0
0000 0000 0111 1111
PORTF
02E0
—
—
—
—
—
—
—
—
—
RF6
RF5RF4
RF3RF2
RF1RF0
0000 0000 0000 0000
LATF
02E2
—
—
—
—
—
—
—
—
—
LATF6
LATF5
LATF4
LATF3
LATF2
LATF1
LATF0
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More