| Moteur de recherche de fiches techniques de composants électroniques |
|
DM7300 Fiches technique(PDF) 2 Page - Power-One |
|
|
|||||||||||||||||||||||||||||
DM7300 Fiches technique(HTML) 2 Page - Power-One |
|
2 / 36 page ![]() ZD-00896 Rev. 5.2, 9-Apr-13 www.power-one.com Page 2 of 36 1 Selection Chart DPM Type Number of dPwer TM POLs and Auxiliary devices that can be controlled Active Addresses Number of Groups Number of Interrupts Number of Parallel Buses Number of Auxiliary Devices DM7304G 4 00…03 2 2 2 4 DM7308G 8 00…07 2 2 4 4 DM7316G 16 00…15 3 3 4 4 DM7332G 32 00…31 4 4 8 4 2 Ordering Information DM 73 xx G – yyyyy – zz Product family: dPwer Power Management Devices Series: Digital Power Manager Number of dPwer TM POLs and Auxiliary devices: 04 – 4 devices 08 – 8 devices 16 – 16 devices 32 – 32 devices RoHS compliance: G - RoHS compliant for all six substances 5-digit identifier assigned by Power-One for each unique configuration file Packaging Option 1): B1 – 50pcs Tube B2 – 10pcs Tube R100 – 100pcs T&R ______________________________________ 1 Packaging option is used only for ordering and not included in the part number printed on the DPM label. 2 The evaluation board is available in only one configuration: DM7300-KIT-HKS Example: DM7316G-12345-R100: A 100-piece reel of 16-node DPMs with preloaded configuration file code 12345. Each DPM is labeled DM7316G-12345. Refer to Figure 1 for label marking information. Figure 1. Label Drawing DM73xxG xxxxx x xxx xxxxxxx Line 1 : Part Number (7 Char. Alpha Numeric) Line 2 : Customer Config. Number, Customer Config. Rev. (5 digits Plus Rev Letter) Line 3 : Firmware Rev. (3 Char. Alpha Numeric) Line 4 : Programming (Location, Date, Batch Code) |