| Moteur de recherche de fiches techniques de composants électroniques |
|
DM7300 Fiches technique(PDF) 8 Page - Power-One |
|
|
|||||||||||||||||||||||||||||
DM7300 Fiches technique(HTML) 8 Page - Power-One |
|
8 / 36 page ![]() ZD-00896 Rev. 5.2, 9-Apr-13 www.power-one.com Page 8 of 36 Figure 2. I2C Timing Parameters 9 Typical Application Figure 3. Typical Application Schematic of Multiple Output System with Digital Power Manager and I2C Interface The schematic of a typical application of a DM7300 digital power manager (DPM) is shown in Figure 3. The system includes four groups of dPwer Point Of Load converters (POLs). A group is defined as one or more POL converters interconnected via OK pins. Grouping of the POLs enables users to program advanced fault management schemes and define margining functions, monitoring, startup behavior, and reporting conventions. All dPwer POL converters are connected to the DPM and to each other via a single-wire synchronization/data (SD) line. The line provides synchronization of all POL converters to the master clock generated by the DPM and simultaneously carries bidirectional data transfer between POL converters and the DPM. The DPM communicates via the I2C bus with the host system and/or the Graphical User Interface. tr tLO W tHIG H tLO W tHDST A tSUSTA tHDDA T tSUDA T tSUST O tBU F to f SCL SDA |