| Moteur de recherche de fiches techniques de composants électroniques |
|
H5TC2G63FFR-RDA Fiches technique(PDF) 24 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TC2G63FFR-RDA Fiches technique(HTML) 24 Page - Hynix Semiconductor |
|
24 / 32 page ![]() Rev. 1.1 / Apr. 2013 24 IDD Specifications IDD values are for full operating range of voltage and temperature unless otherwise noted. IDD Specification Notes: 1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC. 2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC. Speed Grade Bin DDR3L - 1066 7-7-7 DDR3L - 1333 9-9-9 DDR3L - 1600 11-11-11 DDR3L - 1866 13-13-13 Unit Notes Symbol Max. Max. Max. Max. IDD0 36 36 38 40 mA IDD01 45 45 50 50 mA IDD2P0 12 12 12 12 mA IDD2P1 15 15 15 15 mA IDD2N 15 15 15 17 mA IDD2NT 17 17 19 21 mA IDD2Q 17 17 17 17 mA IDD3P 15 15 17 19 mA IDD3N 26 26 28 29 mA IDD4R 100 100 120 130 mA IDD4w 105 105 125 135 mA IDD5B 168 168 170 172 mA IDD6 12 12 12 12 mA IDD6ET 14 14 14 14 mA IDD7 190 190 205 210 mA |