Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5TC2G63FFR-RDA Fiches technique(PDF) 22 Page - Hynix Semiconductor

No de pièce H5TC2G63FFR-RDA
Description  2Gb DDR3L SDRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC2G63FFR-RDA Fiches technique(HTML) 22 Page - Hynix Semiconductor

Back Button H5TC2G63FFR-RDA Datasheet HTML 18Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 19Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 20Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 21Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 22Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 23Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 24Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 25Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Rev. 1.1 / Apr. 2013
22
Table 8 - IDD4W Measurement-Loop Patterna)
a) DM must be driven LOW all the time. DQS, DQS are used according to WR Commands, otherwise MID-LEVEL.
b) Burst Sequence driven on each DQ signal by Write Command. Outside burst operation, DQ signals are MID-LEVEL.
Table 9 - IDD5B Measurement-Loop Patterna)
a) DM must be driven LOW all the time. DQS, DQS are MID-LEVEL.
b) DQ signals are MID-LEVEL.
Datab)
0
0
WR
0
1
0
0
1
0
00
0
0
0
0
00000000
1D
1
0
0
0
1
0
00
0
0
0
0
-
2,3
D,D
11
1
1
1
0
00
0
0
0
0
-
4
WR
0
1
0
0
1
0
00
0
0
F
0
00110011
5D
1
0
0
0
1
0
00
0
0
F
0
-
6,7
D,D
11
1
1
1
0
00
0
0
F
0
-
1
8-15
repeat Sub-Loop 0, but BA[2:0] = 1
2
16-23
repeat Sub-Loop 0, but BA[2:0] = 2
3
24-31
repeat Sub-Loop 0, but BA[2:0] = 3
4
32-39
repeat Sub-Loop 0, but BA[2:0] = 4
5
40-47
repeat Sub-Loop 0, but BA[2:0] = 5
6
48-55
repeat Sub-Loop 0, but BA[2:0] = 6
7
56-63
repeat Sub-Loop 0, but BA[2:0] = 7
Datab)
0
0
REF
0
0
0
1
0
0
0
0
0
0
0
-
11.2
D, D
1
0
0
0
0
0
00
0
0
0
0
-
3,4
D, D
11
1
1
0
0
00
0
0
F
0
-
5...8
repeat cycles 1...4, but BA[2:0] = 1
9...12
repeat cycles 1...4, but BA[2:0] = 2
13...16
repeat cycles 1...4, but BA[2:0] = 3
17...20
repeat cycles 1...4, but BA[2:0] = 4
21...24
repeat cycles 1...4, but BA[2:0] = 5
25...28
repeat cycles 1...4, but BA[2:0] = 6
29...32
repeat cycles 1...4, but BA[2:0] = 7
2
33...nRFC-1
repeat Sub-Loop 1, until nRFC - 1. Truncate, if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32