| Moteur de recherche de fiches techniques de composants électroniques |
|
175133 Fiches technique(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
175133 Fiches technique(HTML) 4 Page - Tyco Electronics |
|
4 / 6 page ![]() te.com/products/ct AMP CT Connector Series TE Connectivity SINGLE ROW POST HEADER ASSEMBLIES BOARD-MOUNT Description Plating PN Photo Position to Dash 2 3 4 5 6 7 8 9 10 11 12 13 14 15 TH Std Type - Horizontal Mount w/ Kink TIN 292253 F -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 TH Std Type - Vertical Mount w/ Kink TIN 292161 G -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 TH Box Type - Horizontal Mount w/ Kink TIN 292250 H -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 TH Box Type - Vertical Mount w/o Kink TIN 292133 I -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 TH Box Type - Vertical Mount w/ Kink TIN 292132 J -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 SMT Box Type - Horizontal Mount Type w/ Solder Tab, w/o Boss TIN 292173 K -22 -23 -24 -25 -26 -27 -28 -29 SMT Box Type - Horizontal Mount Type w/ Solder Tab, w/ Boss TIN 292173 K -2 -3 -4 -5 -6 -7 -8 -9 SMT Box Type - Vertical Mount Type w/ Solder Tab, w/o Boss TIN 292175 L -22 -23 -24 -25 -26 -27 -28 -29 SMT Box Type - Vertical Mount Type w/ Solder Tab, w/ Boss (Natural) TIN 292174 M -2 -3 -4 -5 -6 -7 -8 -9 SMT Box Type - Vertical Mount Type w/ Solder Tab, w/ Boss (Black) TIN 292174 M -22 -23 -24 -25 -26 -27 -28 -29 SMT Std Type - Vertical Mount w/ Boss TIN 292171 N -2 -3 -4 -5 -6 -7 -8 -9 SMT Std Type - Vertical Mount w/o Boss TIN 292172 O -2 -3 -4 -5 -6 -7 -8 -9 Mating PNS : (MT) 173977; 179694 or (Crimp) 179228 w/ contact Specifications : A, D TH Box Type - Vertical Mount w/ Kink Gold 292134 J -2 -3 -4 -5 -6 -9 -10 -12 -15 TH Box Type - Horizontal Mount w/ Kink Gold 176394 H -2 -4 -6 -8 -10 Mating PNS : (MT) 173977; 179694 or (Crimp) 179228 w/ 179227-4 Specifications : A (292134)/ C (176394), D RECEPTACLE CONNECTOR HOLDERS FOR DUAL ROW HEADERS Description PN Photo Position to Dash 8 12 16 18 20 22 24 26 28 30 Receptacle Housing Captivating Holder (MT) 175133 R -8 -12 -16 -18 -20 -22 -24 -26 -28 -30 Receptacle Housing Captivating Holder - Reinforced Retention (MT) 179608 S -16 -18 -20 -22 -24 -26 -28 -30 Mating PNS : 2x (MT) 173977, 176392 or 179695 Specifications : B Receptacle Housing Captivating Holder - Reinforced Retention (Crimp) 179472 T -8 -12 -16 -18 -20 -22 -24 -26 -28 -30 Mating PNS: 2 x (Crimp) 179228 w/ contact Specifications : B DUAL ROW POST HEADER ASSEMBLIES - BOARD-MOUNT Description PN Photo Position to Dash 8 12 16 18 20 22 24 26 28 30 Horizontal Mount w/ Boardlocks 292138 U -8 -12 -16 -18 -20 -22 -24 -26 -28 -30 Vertical Mount w/o Boss 292252 V -16 -18 -20 -22 -24 -26 -28 -30 Vertical Mount w/ Boss 292141 V -16 -18 -20 -22 -24 -26 -28 -30 Complementary PNS : 175133, 179608 or 179472 w/ 2 x (MT) or 2 x (Crimp) HDRS Specifications : B SINGLE ROW PANEL-MOUNT HEADERS Description PN Photo Position to Dash 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Panel Mount Header 292254 P -2 -3 -4 -5 -4 -7 -8 -9 -10 -11 -12 -13 -14 -15 Mating PNS : (MT) 173977; 179694 or (Crimp) 179228 w/ contact Specifications : A,D SINGLE ROW POST FREE-HANGING WIRE TO WIRE HEADERS Description PN Photo Position to Dash 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Free Hanging Header 292156 Q -2 -3 -4 -5 -6 Mating PNS : (MT) 173977; 179694 or (Crimp) 179228 w/ contact Specifications : A,D |