| Moteur de recherche de fiches techniques de composants électroniques |
|
175133 Fiches technique(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
175133 Fiches technique(HTML) 3 Page - Tyco Electronics |
|
3 / 6 page ![]() te.com/products/ct AMP CT Connector Series TE Connectivity PCB Side Connectors (Single Row + Dual Row) Common AMP CT Terminology H G I Without Kinked Leg With Kinked Leg Kinked legs are designed to secure the T/H headers onto the PCB. Solder Tabs L K M Solder tabs are designed to secure the SMT headers onto the PCB. N O Locating Boss A boss is a mechanical feature that helps orientate the headers onto the PCB. R T U Additional Parts Dual Row Assemblies S Two Single Row Housings Captivating Holder Dual Row Header Requires a holder to be used along with two single row housings. Header Styles J Box Box headers offer a front and back wall for polarization of the connector. F Standard Standard headers offer only a single wall for polarization of the connector. Free Hanging Q Panel Mount P V |