Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9313 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9313 Fiches technique(HTML) 7 Page - Microchip Technology

  LAN9313 Datasheet HTML 1Page - Microchip Technology LAN9313 Datasheet HTML 2Page - Microchip Technology LAN9313 Datasheet HTML 3Page - Microchip Technology LAN9313 Datasheet HTML 4Page - Microchip Technology LAN9313 Datasheet HTML 5Page - Microchip Technology LAN9313 Datasheet HTML 6Page - Microchip Technology LAN9313 Datasheet HTML 7Page - Microchip Technology LAN9313 Datasheet HTML 8Page - Microchip Technology LAN9313 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
SMSC LAN9313/LAN9313i
7
Revision 1.9 (03-13-12)
PRODUCT PREVIEW
Notes:
1. All dimensions are in millimeters unless otherwise noted.
2. Dimensions b & c apply to the flat section of the lead foot between 0.10 and 0.25mm from the lead tip. The
base metal is exposed at the lead tip.
3. Dimensions D1 and E1 do not include mold protrusions. Maximum allowed protrusion is 0.25mm per side. D1
and E1 are maximum plastic body size dimensions including mold mismatch.
4. The pin 1 identifier may vary, but is always located within the zone indicated.
Figure 5 LAN9313 128-VTQFP Recommended PCB Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9