Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9313 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9313 Fiches technique(HTML) 5 Page - Microchip Technology

  LAN9313 Datasheet HTML 1Page - Microchip Technology LAN9313 Datasheet HTML 2Page - Microchip Technology LAN9313 Datasheet HTML 3Page - Microchip Technology LAN9313 Datasheet HTML 4Page - Microchip Technology LAN9313 Datasheet HTML 5Page - Microchip Technology LAN9313 Datasheet HTML 6Page - Microchip Technology LAN9313 Datasheet HTML 7Page - Microchip Technology LAN9313 Datasheet HTML 8Page - Microchip Technology LAN9313 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
SMSC LAN9313/LAN9313i
5
Revision 1.9 (03-13-12)
PRODUCT PREVIEW
Internal Block Diagram
Figure 3 LAN9313/LAN9313i Internal Block Diagram
EEPROM Controller
I2C (master)
Microwire (master)
SPI (slave)
I2C (slave)
Controller
To optional CPU
serial management
(via I2C/SPI slave)
SPI / I2C
Switch Fabric
10/100
MAC
10/100
MAC
10/100
MAC
IEEE 1588
Time Stamp
To optional PHY, MAC,
or SMI Master
SMI (slave)
Controller
To Ethernet
10/100
PHY
IEEE 1588
Time Stamp
To Ethernet
10/100
PHY
MII/MDIO
IEEE 1588
Time Stamp
LAN9313/LAN9313i
Secondary Functions
(Timers,GPIOs,LEDs,IRQ)
IEEE 1588
Clock & Events
I2C / Microwire
To optional EEPROM
(via I2C/Microwire master)



Html Pages

1 2 3 4 5 6 7 8 9