| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3813 Fiches technique(PDF) 67 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB3813 Fiches technique(HTML) 67 Page - SMSC Corporation |
|
67 / 68 page ![]() USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications Datasheet SMSC USB3813 67 Revision 1.0 (06-17-13) DATASHEET 4. Primary datum “C” and the seating plane are defined by the spherical crowns of the contact solder balls. 5. Dimension “A” does not include attached external features, such as a heat sink or chip capacitors. Dimension “A(max)” is given for the extremely thin variation of the package profile height. 6. Dimension “A2” includes a die coating thickness. Figure 10.2 30-WLCSP Recommended Land Pattern |