| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3813 Fiches technique(PDF) 20 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB3813 Fiches technique(HTML) 20 Page - SMSC Corporation |
|
20 / 68 page ![]() USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications Datasheet Revision 1.0 (06-17-13) 20 SMSC USB3813 DATASHEET Figure 5.1 Hub Operational Mode Flowchart External SPI ROM present? YES NO Run from Internal ROM Run From External SPI ROM REFCLK Present NO Load BC registers On RO YES REFCLK Present YES NO YES Dead Battery Bond Option Run BC Detect On RO NO (BC_INIT) (SW_INIT) (WAITREF) SMBus or I2C Present? SOC Done? Do SMBus or I2C Initialization NO (SOC_CFG) YES YES NO Combine OTP Config Data Config Load From Internal ROM SW Upstream BC detection (CHGDET) Hub Connect (Hub.Connect) (CONFIG) Normal operation (HW_INIT) |