| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3613 Fiches technique(PDF) 66 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB3613 Fiches technique(HTML) 66 Page - SMSC Corporation |
|
66 / 68 page ![]() USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications Datasheet Revision 1.0 (06-17-13) 66 SMSC USB3613 DATASHEET Chapter 10 Package Outline Notes: 1. All dimensions are in millimeters unless otherwise noted. 2. Dimension “b” is measured at the maximum ball diameter parallel to primary datum “C”. 3. The ball A1 identifier may vary, but is always located within the zone indicated. Figure 10.1 30-WLCSP Package Table 10.1 30-WLCSP Dimensions MIN NOMINAL MAX REMARKS A - 0.56 0.62 Overall Package Height A1 0.16 0.20 0.24 Standoff A2 - - 0.38 Package Thickness D 2.87 2.90 2.93 X Die Size E 2.47 2.50 2.53 Y Die Size D1 2.00 BSC X End Balls Distance E1 1.60 BSC Y End Balls Distance b 0.20 0.25 0.30 Ball Diameter e 0.40 BSC Ball Pitch ccc 0 - 0.05 Coplanarity |