| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3613 Fiches technique(PDF) 48 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB3613 Fiches technique(HTML) 48 Page - SMSC Corporation |
|
48 / 68 page ![]() USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications Datasheet Revision 1.0 (06-17-13) 48 SMSC USB3613 DATASHEET 7.3.2 Run Time SMBus Page Register The following run time SMBus page register is located at 0xFF and must be programmed to allow the SOC to page through different pages of the register space. Table 7.18 SMBus Page Register SMBUS_PAGE (0xFF(I2C) - RESET= 0x00) SMBUS PAGE REGISTER BIT NAME R/W DESCRIPTION 7:5 PAGE_SEL R/W From the I2C side, this field allows the I2C to select the accessible address space: 000 = Select registers in the 3000 space (0x30e2 - 0x30ee) 010 = Select registers in the 3100 space (0x318b,0x318e) 110 = Select register in the 6100 space (0x6100,0x6101,0x6102) 5:0 Reserved R Reserved. Note: Software must never write a ‘1’ to these bits |