| Moteur de recherche de fiches techniques de composants électroniques |
|
L6201 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6201 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 20 page ![]() BIPOLAR STEPPER MOTORS APPLICATIONS Bipolar stepper motors can be driven with one L6506 or L297, two full bridge BCD drivers and very few external components. Together these three chips form a complete microprocessor-to- stepper motor interface is realized. As shown in Fig. 18 and Fig. 19, the controller connect directly to the two bridge BCD drivers. External component are minimalized: an R.C. net- work to set the chopper frequency, a resistive di- vider (R1; R2) to establish the comparator refer- ence voltage and a snubber network made by R and C in series (See DC Motor Speed Control). Figure 19: Two Phase Bipolar Stepper Motor Control Circuit with Chopper Current Control and Translator Figure 18: Two Phase Bipolar Stepper Motor Control Circuit with Chopper Current Control L6201 L6201PS L6202 L6203 L6201 L6201PS L6202 L6203 L6201 L6201PS L6202 L6203 L6201 L6201PS L6202 L6203 L6201 - L6202 - L6203 13/20 |