Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA335W Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 13Page - STMicroelectronics STA335W Datasheet HTML 14Page - STMicroelectronics STA335W Datasheet HTML 15Page - STMicroelectronics STA335W Datasheet HTML 16Page - STMicroelectronics STA335W Datasheet HTML 17Page - STMicroelectronics STA335W Datasheet HTML 18Page - STMicroelectronics STA335W Datasheet HTML 19Page - STMicroelectronics STA335W Datasheet HTML 20Page - STMicroelectronics STA335W Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
STA335W
Register description
17/43
5.1
Configuration register A (addr 0x00)
0x20
Reserved
0x21
Reserved
0x22
Reserved
0x23
Reserved
0x24
Reserved
0x25
Reserved
0x26
CFUD
Reserved
Reserved
R1
Reserved W1
0x27
MPCC1
MPCC15 MPCC14 MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
0x28
MPCC2
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
0x29
DCC1
DCC15
DCC14
DCC13
DCC12
DCC11
DCC10
DCC9
DCC8
0x2A
DCC2
DCC7
DCC6
DCC5
DCC4
DCC3
DCC2
DCC1
DCC0
0x2B
FDRC1
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
0x2C
FDRC2
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
0x2D
STATUS
PLLUL
FAULT
UVFAULT
OVFAULT
OCFAULT
OCWARN TFAULT
TWARN
0x2E
Reserved
Reserved
RO1BACT R5BACT
R4BACT
R3BACT
R2BACT
R1BACT
0x2F
Reserved
Reserved
R01BEND R5BEND
R4BEND
R3BEND
R2BEND R1BEND
0x30
Reserved
Reserved
R5BBAD
R4BBAD
R3BBAD
R2BBAD
R1BBAD
0x31
EQCFG
XOB
Reserved Reserved
AMGC3
AMGC2
Reserved
SEL1
SEL0
0x32
Reserved
0x33
Reserved
0x34
Reserved
0x35
Reserved
0x36
Reserved
0x37
Reserved Reserved SVUPE
SVUP[4]
SVUP[3]
SVUP[2]
SVUP[1]
SVUP[0]
0x38
Reserved Reserved SVDWE
SVDW[4]
SVDW[3]
SVDW[2]
SVDW[1] SVDW[0]
Table 9.
Register summary (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
TWAB
TWRB
IR1
IR0
MCS2
MCS1
MCS0
01
10
00
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43