Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA335W Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STA335W
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STA335W Datasheet HTML 12Page - STMicroelectronics STA335W Datasheet HTML 13Page - STMicroelectronics STA335W Datasheet HTML 14Page - STMicroelectronics STA335W Datasheet HTML 15Page - STMicroelectronics STA335W Datasheet HTML 16Page - STMicroelectronics STA335W Datasheet HTML 17Page - STMicroelectronics STA335W Datasheet HTML 18Page - STMicroelectronics STA335W Datasheet HTML 19Page - STMicroelectronics STA335W Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Register description
STA335W
16/43
5
Register description
Table 9.
Register summary
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
0x00
CONFA
FDRB
TWAB
TWRB
IR1
IR0
MCS2
MCS1
MCS0
0x01
CONFB
C2IM
C1IM
Reserved
SAIFB
SAI3
SAI2
SAI1
SAI0
0x02
CONFC
OCRB
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
0x03
CONFD
Reserved ZDE
Reserved
Reserved
PSL
Reserved
Reserved Reserved
0x04
CONFE
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
0x05
CONFF
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
Reserved Reserved
0x06
MUTE/LOC
Reserved Reserved Reserved
Reserved
Reserved
C2M
C1M
MMUTE
0x07
MVOL
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
0x08
C1VOL
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
0x09
C2VOL
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
0x0A
Reserved
0x0B
AUTO1
Reserved Reserved Reserved
Reserved
Reserved
Reserved
Reserved Reserved
0x0C
AUTO2
Reserved Reserved Reserved
Reserved
AMAM2
AMAM1
AMAM0
AMAME
0x0D
Reserved
0x0E
C1CFG
Reserved Reserved Reserved
Reserved
C1BO
Reserved
Reserved Reserved
0x0F
C2CFG
Reserved Reserved Reserved
Reserved
C2BO
Reserved
Reserved Reserved
0x10
Reserved
0x11
Reserved
0x12
Reserved
0x13
Reserved
0x14
Reserved
0x15
Reserved
0x16
CFADDR
Reserved Reserved CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
0x17
B1CF1
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
0x18
B1CF2
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
0x19
B1CF3
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
0x1A
Reserved
0x1B
Reserved
0x1C
Reserved
0x1D
Reserved
0x1E
Reserved
0x1F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43