| Moteur de recherche de fiches techniques de composants électroniques |
|
FDC37C78-HT Fiches technique(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FDC37C78-HT Fiches technique(HTML) 78 Page - Microchip Technology |
|
78 / 82 page ![]() 78 t1 t2 t2 t4 X1 nRESET FIGURE 6 - CLOCK TIMING min t1 43.33 Description max Units Clock CycleTime for 24MHZ Clock High Time/Low Time for 14.318MHZ Clock Rise Time/Fall Time (not shown) nRESET Low Time t2 Name 14 5 1.5 t6 NOTE 1: The nRESET low time is dependent upon the processor clock. The nRESET must be active for a minimum of 24 x16MHz clock cycles. typ ns ns ns us 40 |