| Moteur de recherche de fiches techniques de composants électroniques |
|
FDC37C78-HT Fiches technique(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FDC37C78-HT Fiches technique(HTML) 40 Page - Microchip Technology |
|
40 / 82 page ![]() 40 SENSE DRIVE STATUS DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 0 1 0 0 Command Codes W 0 0 0 0 0 HDS DS1 DS0 Result R ─────── ST3 ─────── Status information about FDD SEEK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 1 1 1 1 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W ─────── NCN ─────── Execution Head positioned over proper cylinder on diskette. CONFIGURE DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 1 0 0 1 1 Configure Information W 0 0 0 0 0 0 0 0 W 0 EIS EFIFO POLL ─── FIFOTHR ─── Execution W ───────── PRETRK ───────── |