Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF49XAT-I/T Fiches technique(PDF) 89 Page - Microchip Technology

No de pièce MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Fiches technique(HTML) 89 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 85Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 86Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 87Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 88Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 89Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 90Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 91Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 92Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 89
MRF49XA
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Product-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event, the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
16-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
49XA/ST
0910
017
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More