Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF49XAT-I/T Fiches technique(PDF) 46 Page - Microchip Technology

No de pièce MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Fiches technique(HTML) 46 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 42Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 43Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 44Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 45Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 46Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 47Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 48Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 49Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
MRF49XA
DS70590C-page 46
Preliminary
© 2009-2011 Microchip Technology Inc.
3.2
VDD Line Filtering
During the Reset event (caused by power-on, glitch on
the supply line or Software Reset), the VDD line should
be kept clean. Noise or a periodic disturbing signal
superimposed on the supply voltage may prevent the
device from getting out of the Reset state. To avoid this,
adequate filters should be made available on the power
supply lines to keep the distorting signal level
below 100 mVp-p, in the DC-50 kHz range for 200 ms,
from VDD ramp start. The usage of regulators or SMPS
may sometimes introduce switching noise on the VDD
line, so follow the power supply manufacturer’s
recommendations on how to decrease the ripple of
regulator IC and/or how to shift the switching frequency
while using SMPS.
The registers associated with power line filtering are:
•STSREG (see Register 2-1)
• FIFORSTREG (see Register 2-10)
• WTSREG (see Register 2-14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More