Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF49XA-I/T Fiches technique(PDF) 66 Page - Microchip Technology

No de pièce MRF49XA-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/T Fiches technique(HTML) 66 Page - Microchip Technology

Back Button MRF49XA-I/T Datasheet HTML 62Page - Microchip Technology MRF49XA-I/T Datasheet HTML 63Page - Microchip Technology MRF49XA-I/T Datasheet HTML 64Page - Microchip Technology MRF49XA-I/T Datasheet HTML 65Page - Microchip Technology MRF49XA-I/T Datasheet HTML 66Page - Microchip Technology MRF49XA-I/T Datasheet HTML 67Page - Microchip Technology MRF49XA-I/T Datasheet HTML 68Page - Microchip Technology MRF49XA-I/T Datasheet HTML 69Page - Microchip Technology MRF49XA-I/T Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
MRF49XA
DS70590C-page 66
Preliminary
© 2009-2011 Microchip Technology Inc.
3.17
TX Register Buffered Data
Transmission
In Data Transmission mode (enabled by the TXDEN bit
(GENCREG<7>)), the TX data is clocked into one of
the two 8-bit data registers. The transmitter starts to
send the data from the first register (with the given bit
rate) when the TXCEN bit (PMCREG<5>) is set. The
initial value of the data registers (0xAA) can be used to
generate preamble. During this mode, the SDO pin is
monitored to check whether the register is ready (SDO
is high) to receive the next byte from the
microcontroller. The block diagrams of the Transmit
register, before and during transmit, are shown in
Figure 3-14 and Figure 3-15, respectively.
The transmitter FSK modulation parameters are used
for calculating the resulting output frequency, as shown
in Equation 3-6.
EQUATION 3-6:
FIGURE 3-14:
TX REGISTER BLOCK DIAGRAM (BEFORE TRANSMIT)
fFSKOUT = f0 + (-1)SIGN x (MB + 1) x (15 kHz)
where:
f0 is the Channel Center Frequency
(see Register 2-6 for f0 calculation)
MB is the 4-bit Binary Number (MODBW<3:0>)
SIGN = MODPLY XOR FSK
8-Bit Shift Register
(Default: AAh)
8-Bit Shift Register
(Default: AAh)
Serial Bus Data
SCLK
CLK
SDI
CLK
SDI
SDO
SDO
TX_DATA
TXCEN = 0
(Register Initial Fill-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More