Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF49XA-I/T Fiches technique(PDF) 58 Page - Microchip Technology

No de pièce MRF49XA-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA-I/T Fiches technique(HTML) 58 Page - Microchip Technology

Back Button MRF49XA-I/T Datasheet HTML 54Page - Microchip Technology MRF49XA-I/T Datasheet HTML 55Page - Microchip Technology MRF49XA-I/T Datasheet HTML 56Page - Microchip Technology MRF49XA-I/T Datasheet HTML 57Page - Microchip Technology MRF49XA-I/T Datasheet HTML 58Page - Microchip Technology MRF49XA-I/T Datasheet HTML 59Page - Microchip Technology MRF49XA-I/T Datasheet HTML 60Page - Microchip Technology MRF49XA-I/T Datasheet HTML 61Page - Microchip Technology MRF49XA-I/T Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
MRF49XA
DS70590C-page 58
Preliminary
© 2009-2011 Microchip Technology Inc.
3.11
Data Quality Indicator
The DQI is the digital processing part of the radio
connected to the demodulator and functions when the
receiver is on. This reports the reception of an FSK
modulated RF signal. The DQI parameter setting
defines how clean the incoming data stream would be
stated as good data (valid FSK signal). The DIO signal
goes high if the internally calculated data quality value
exceeds the DIO threshold parameter, for five
consecutive data bits, for both high and low periods.
The DQI parameter (i.e., Data Quality Threshold
Indicator (DQTI) bit) value is calculated using the
formula given in Equation 3-1.
EQUATION 3-1:
The DQI parameter in BBFCREG should be chosen
according to the following rules:
• The parameter should be > 4; otherwise, noise
might be treated as a valid FSK signal
• The maximum value is 7
Even during the on-time calculation in the Low Duty
Cycle mode, depending on the data quality threshold
indicator, the device needs to receive a few valid data
bits before the DQI signal indicates good signal
condition (see Register 2-8). Selecting a short on-time
can prevent the crystal oscillator from starting, or the
DQI signal will not go high, even when the quality of the
received signal is good.
The DIO is an extension of the DQI. When incoming
data is detected, it uses the DQI signal, the clock
recovery lock signal and the digital RSSI signal to
determine if the incoming data is valid. The desired
data rate and the acceptance criteria for valid data are
user-programmable through the SPI port.
The DIO has three modes of operation: Slow, Medium
and Fast. Each mode is dependent on the signals it
uses to determine the valid data and also on the
number of incoming preamble bits present at the
beginning of the packet.
The DIO can be disabled by the user so that only raw
data from the comparator comes out, or it can be set to
accept only a preset range of data rates and data
quality. The DIO saves the battery power and the time
for a host microcontroller because it will not wake-up
the microcontroller unless there is valid data present.
See Register 2-7 (RXCREG) for setup details.
The DIO signal is valid when using the internal receive
FIFO or an external pin to capture baseband data. DIO
can be multiplexed to pin 16 for external usage.
Figure 3-10 depicts the DIO logic block diagram.
FIGURE 3-10:
DIO LOGIC BLOCK DIAGRAM
DQIpar = 4 x (Deviation – TX/RXoffset)/Bit Rate
R/S
FLIP/FLOP
CR_LOCK
DRSSI
DQI
DRSSI
DQI
CR_LOCK
SET
Q
RXCEN
LOGIC HIGH
SLOW
MEDIUM
FAST
DIORT1
DIORT0
DQI
MUX
SEL0
SEL1
IN0
IN1
IN2
IN3
DIO
Y
CLR
CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More