Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

33FJ64GP310 Fiches technique(PDF) 42 Page - Microchip Technology

No de pièce 33FJ64GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP310 Fiches technique(HTML) 42 Page - Microchip Technology

Back Button 33FJ64GP310 Datasheet HTML 38Page - Microchip Technology 33FJ64GP310 Datasheet HTML 39Page - Microchip Technology 33FJ64GP310 Datasheet HTML 40Page - Microchip Technology 33FJ64GP310 Datasheet HTML 41Page - Microchip Technology 33FJ64GP310 Datasheet HTML 42Page - Microchip Technology 33FJ64GP310 Datasheet HTML 43Page - Microchip Technology 33FJ64GP310 Datasheet HTML 44Page - Microchip Technology 33FJ64GP310 Datasheet HTML 45Page - Microchip Technology 33FJ64GP310 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
dsPIC33F
DS70155C-page 40
Preliminary
© 2005 Microchip Technology Inc.
TABLE 9-10:
SHADOW/STACK INSTRUCTIONS
TABLE 9-11:
CONTROL INSTRUCTIONS
TABLE 9-12:
DSP INSTRUCTIONS
Assembly
Syntax
Description
Words
Cycles
LNK
#lit14
Link Frame Pointer
1
1
POP
f
Pop TOS to f
1
1
POP
Wd
Pop TOS to Wd
1
1
POP.D
Wnd
Double pop from TOS to Wnd:Wnd + 1
1
2
POP.S
Pop shadow registers
1
1
PUSH
f
Push f to TOS
1
1
PUSH
Ws
Push Ws to TOS
1
1
PUSH.D
Wns
Push double Wns:Wns + 1 to TOS
1
2
PUSH.S
Push shadow registers
1
1
ULNK
Unlink Frame Pointer
1
1
Assembly
Syntax
Description
Words
Cycles
CLRWDT
Clear Watchdog Timer
1
1
DISI
#lit14
Disable interrupts for (lit14 + 1) instruction cycles
1
1
NOP
No operation
1
1
NOPR
No operation
1
1
PWRSAV
#lit1
Enter Power-Saving mode lit1
1
1
RESET
Software device Reset
1
1
Assembly
Syntax
Description
Words
Cycles
ADD
Acc
Add accumulators
1
1
ADD
Ws,#Slit4,Acc
16-bit signed add to Acc
1
1
CLR
Acc,Wx,Wxd,Wy,Wyd,AWB
Clear Acc
1
1
ED
Wm*Wm,Acc,Wx,Wy,Wxd
Euclidean distance (no accumulate)
1
1
EDAC
Wm*Wm,Acc,Wx,Wy,Wxd
Euclidean distance
1
1
LAC
Ws,#Slit4,Acc
Load Acc
1
1
MAC
Wm*Wn,Acc,Wx,Wxd,Wy,Wyd,AWB
Multiply and accumulate
1
1
MAC
Wm*Wm,Acc,Wx,Wxd,Wy,Wyd
Square and accumulate
1
1
MOVSAC
Acc,Wx,Wxd,Wy,Wyd,AWB
Move Wx to Wxd and Wy to Wyd
1
1
MPY
Wm*Wn,Acc,Wx,Wxd,Wy,Wyd
Multiply Wn by Wm to Acc
1
1
MPY
Wm*Wm,Acc,Wx,Wxd,Wy,Wyd
Square to Acc
1
1
MPY.N
Wm*Wn,Acc,Wx,Wxd,Wy,Wyd
-(Multiply Wn by Wm) to Acc
1
1
MSC
Wm*Wn,Acc,Wx,Wxd,Wy,Wyd,AWB
Multiply and subtract from Acc
1
1
NEG
Acc
Negate Acc
1
1
SAC
Acc,#Slit4,Wd
Store Acc
1
1
SAC.R
Acc,#Slit4,Wd
Store rounded Acc
1
1
SFTAC
Acc,#Slit6
Arithmetic shift Acc by Slit6
1
1
SFTAC
Acc,Wn
Arithmetic shift Acc by (Wn)
1
1
SUB
Acc
Subtract accumulators
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90