Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

33FJ64GP310 Fiches technique(PDF) 38 Page - Microchip Technology

No de pièce 33FJ64GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP310 Fiches technique(HTML) 38 Page - Microchip Technology

Back Button 33FJ64GP310 Datasheet HTML 34Page - Microchip Technology 33FJ64GP310 Datasheet HTML 35Page - Microchip Technology 33FJ64GP310 Datasheet HTML 36Page - Microchip Technology 33FJ64GP310 Datasheet HTML 37Page - Microchip Technology 33FJ64GP310 Datasheet HTML 38Page - Microchip Technology 33FJ64GP310 Datasheet HTML 39Page - Microchip Technology 33FJ64GP310 Datasheet HTML 40Page - Microchip Technology 33FJ64GP310 Datasheet HTML 41Page - Microchip Technology 33FJ64GP310 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
dsPIC33F
DS70155C-page 36
Preliminary
© 2005 Microchip Technology Inc.
TABLE 9-5:
LOGIC INSTRUCTIONS
Assembly
Syntax
Description
Words
Cycles
AND
f {,WREG}
Destination = f .AND. WREG
1
1
AND
#lit10,Wn
Wn = lit10 .AND. Wn
1
1
AND
Wb,#lit5,Wd
Wd = Wb .AND. lit5
1
1
AND
Wb,Ws,Wd
Wd = Wb .AND. Ws
1
1
CLR
f
f = 0x0000
1
1
CLR
WREG
WREG = 0x0000
1
1
CLR
Wd
Wd = 0x0000
1
1
COM
f {,WREG}
Destination = f
11
COM
Ws,Wd
Wd = Ws
11
IOR
f {,WREG}
Destination = f .IOR. WREG
1
1
IOR
#lit10,Wn
Wn = lit10 .IOR. Wn
1
1
IOR
Wb,#lit5,Wd
Wd = Wb .IOR. lit5
1
1
IOR
Wb,Ws,Wd
Wd = Wb .IOR. Ws
1
1
NEG
f {,WREG}
Destination = f + 1
1
1
NEG
Ws,Wd
Wd = Ws + 1
1
1
SETM
f
f = 0xFFFF
1
1
SETM
WREG
WREG = 0xFFFF
1
1
SETM
Wd
Wd = 0xFFFF
1
1
XOR
f {,WREG}
Destination = f .XOR. WREG
1
1
XOR
#lit10,Wn
Wn = lit10 .XOR. Wn
1
1
XOR
Wb,#lit5,Wd
Wd = Wb .XOR. lit5
1
1
XOR
Wb,Ws,Wd
Wd = Wb .XOR. Ws
1
1
Note:
When the optional {,WREG} operand is specified, the destination of the instruction is WREG. When
{,WREG} is not specified, the destination of the instruction is the file register f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90