| Moteur de recherche de fiches techniques de composants électroniques |
|
S12SCIV2D Fiches technique(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2D Fiches technique(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 72 5.3 Effects of Reset When a reset occurs, MCU registers and control bits are changed to known start-up states. Refer to the respective module Block User Guides for register reset states. 5.3.1 I/O pins Refer to the HCS12 Multiplexed External Bus Interface (MEBI) Block Guide for mode dependent pin configuration of port A, B, E and K out of reset. Refer to the PIM Block User Guide for reset configurations of all peripheral module ports. $FFCA, $FFCB Modulus Down Counter underflow I-Bit MCCTL (MCZI) $CA $FFC8, $FFC9 Pulse Accumulator B Overflow I-Bit PBCTL (PBOVI) $C8 $FFC6, $FFC7 CRG PLL lock I-Bit CRGINT (LOCKIE) $C6 $FFC4, $FFC5 CRG Self Clock Mode I-Bit CRGINT (SCMIE) $C4 $FFC2, $FFC3 BDLC I-Bit DLCBCR1 (IE) $C2 $FFC0, $FFC1 IIC Bus I-Bit IBCR (IBIE) $C0 $FFBE, $FFBF Reserved I-Bit Reserved $BE $FFBC, $FFBD I-Bit $BC $FFBA, $FFBB EEPROM I-Bit ECNFG (CCIE, CBEIE) $BA $FFB8, $FFB9 FLASH I-Bit FCNFG (CCIE, CBEIE) $B8 $FFB6, $FFB7 CAN0 wake-up I-Bit CANRIER (WUPIE) $B6 $FFB4, $FFB5 CAN0 errors I-Bit CANRIER (CSCIE, OVRIE) $B4 $FFB2, $FFB3 CAN0 receive I-Bit CANRIER (RXFIE) $B2 $FFB0, $FFB1 CAN0 transmit I-Bit CANTIER (TXEIE2-TXEIE0) $B0 $FFAE, $FFAF Reserved I-Bit Reserved $AE $FFAC, $FFAD I-Bit $AC $FFAA, $FFAB I-Bit $AA $FFA8, $FFA9 I-Bit $A8 $FFA6, $FFA7 I-Bit $A6 $FFA4, $FFA5 I-Bit $A4 $FFA2, $FFA3 I-Bit $A2 $FFA0, $FFA1 I-Bit $A0 $FF9E, $FF9F I-Bit $9E $FF9C, $FF9D I-Bit $9C $FF9A, $FF9B I-Bit $9A $FF98, $FF99 I-Bit $98 $FF96, $FF97 I-Bit $96 $FF94, $FF95 I-Bit $94 $FF92, $FF93 I-Bit $92 $FF90, $FF91 I-Bit $90 $FF8E, $FF8F Port P I-Bit PIEP (PIEP7-0) $8E $FF8C, $FF8D PWM Emergency Shutdown I-Bit PWMSDN (PWMIE) $8C $FF80 to $FF8B Reserved |