| Moteur de recherche de fiches techniques de composants électroniques |
|
S12SCIV2D Fiches technique(PDF) 35 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2D Fiches technique(HTML) 35 Page - Freescale Semiconductor, Inc |
|
35 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 35 $0099 ATD0DR4L Read: Bit7 Bit6 000000 Write: $009A ATD0DR5H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $009B ATD0DR5L Read: Bit7 Bit6 000000 Write: $009C ATD0DR6H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $009D ATD0DR6L Read: Bit7 Bit6 000000 Write: $009E ATD0DR7H Read: Bit15 14 13 12 11 10 9 Bit8 Write: $009F ATD0DR7L Read: Bit7 Bit6 000000 Write: $00A0 - $00C7 PWM (Pulse Width Modulator 8 Bit 8 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00A0 PWME Read: PWME7 PWME6 PWME5 PWME4 PWME3 PWME2 PWME1 PWME0 Write: $00A1 PWMPOL Read: PPOL7 PPOL6 PPOL5 PPOL4 PPOL3 PPOL2 PPOL1 PPOL0 Write: $00A2 PWMCLK Read: PCLK7 PCLK6 PCLK5 PCLK4 PCLK3 PCLK2 PCLK1 PCLK0 Write: $00A3 PWMPRCLK Read: 0 PCKB2 PCKB1 PCKB0 0 PCKA2 PCKA1 PCKA0 Write: $00A4 PWMCAE Read: CAE7 CAE6 CAE5 CAE4 CAE3 CAE2 CAE1 CAE0 Write: $00A5 PWMCTL Read: CON67 CON45 CON23 CON01 PSWAI PFRZ 00 Write: $00A6 PWMTST Test Only Read: 00000000 Write: $00A7 PWMPRSC Test Only Read: 00000000 Write: $00A8 PWMSCLA Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00A9 PWMSCLB Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00AA PWMSCNTA Test Only Read: 00000000 Write: $00AB PWMSCNTB Test Only Read: 00000000 Write: $00AC PWMCNT0 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00AD PWMCNT1 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00AE PWMCNT2 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00AF PWMCNT3 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $0080 - $009F ATD0 (Analog to Digital Converter 10 Bit 8 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |