Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A3P030-2CS100ES Fiches technique(PDF) 93 Page - Microsemi Corporation

No de pièce A3P030-2CS100ES
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030-2CS100ES Fiches technique(HTML) 93 Page - Microsemi Corporation

Back Button A3P030-2CS100ES Datasheet HTML 89Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 90Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 91Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 92Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 93Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 94Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 95Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 96Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 97Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-79
Timing Characteristics
Figure 2-22 • Output DDR Timing Diagram
11
6
1
7
2
8
3
910
45
28
3
9
tDDROREMCLR
tDDROHD1
tDDROREMCLR
tDDROHD2
tDDROSUD2
tDDROCLKQ
tDDRORECCLR
CLK
Data_R
Data_F
CLR
Out
tDDROCLR2Q
710
4
Table 2-104 • Output DDR Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std. Units
tDDROCLKQ
Clock-to-Out of DDR for Output DDR
0.70 0.80 0.94
ns
tDDROSUD1
Data_F Data Setup for Output DDR
0.38 0.43 0.51
ns
tDDROSUD2
Data_R Data Setup for Output DDR
0.38 0.43 0.51
ns
tDDROHD1
Data_F Data Hold for Output DDR
0.00 0.00 0.00
ns
tDDROHD2
Data_R Data Hold for Output DDR
0.00 0.00 0.00
ns
tDDROCLR2Q
Asynchronous Clear-to-Out for Output DDR
0.80 0.91 1.07
ns
tDDROREMCLR
Asynchronous Clear Removal Time for Output DDR
0.00 0.00 0.00
ns
tDDRORECCLR
Asynchronous Clear Recovery Time for Output DDR
0.22 0.25 0.30
ns
tDDROWCLR1
Asynchronous Clear Minimum Pulse Width for Output DDR
0.22 0.25 0.30
ns
tDDROCKMPWH
Clock Minimum Pulse Width High for the Output DDR
0.36 0.41 0.48
ns
tDDROCKMPWL
Clock Minimum Pulse Width Low for the Output DDR
0.32 0.37 0.43
ns
FDDOMAX
Maximum Frequency for the Output DDR
350
309
263
MHz
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com