Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A3P030-2CS100ES Fiches technique(PDF) 56 Page - Microsemi Corporation

No de pièce A3P030-2CS100ES
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030-2CS100ES Fiches technique(HTML) 56 Page - Microsemi Corporation

Back Button A3P030-2CS100ES Datasheet HTML 52Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 53Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 54Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 55Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 56Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 57Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 58Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 59Page - Microsemi Corporation A3P030-2CS100ES Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-42
Revision 13
Table 2-52 • 3.3 V LVTTL / 3.3 V LVCMOS HIgh Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Equiv.
Software
Default
Drive
Strength
Option1
Speed
Grade
tDOUT
tDP
tDIN tPY tEOUT tZL
tZH
tLZ
tHZ
tZLS
tZHS Units
100 µA
2 mA
Std.
0.60
11.14 0.04 1.52 0.43 11.14 9.54 3.51 3.61 14.53 12.94
ns
–1
0.51
9.48 0.04 1.29 0.36
9.48
8.12 2.99 3.07 12.36 11.00
ns
–2
0.45
8.32 0.03 1.14 0.32
8.32
7.13 2.62 2.70 10.85 9.66
ns
100 µA
4 mA
Std.
0.60
6.96 0.04 1.52 0.43
6.96
5.79 3.99 4.45 10.35 9.19
ns
–1
0.51
5.92 0.04 1.29 0.36
5.92
4.93 3.39 3.78 8.81
7.82
ns
–2
0.45
5.20 0.03 1.14 0.32
5.20
4.33 2.98 3.32 7.73
6.86
ns
100 µA
6 mA
Std.
0.60
6.96 0.04 1.52 0.43
6.96
5.79 3.99 4.45 10.35 9.19
ns
–1
0.51
5.92 0.04 1.29 0.36
5.92
4.93 3.39 3.78 8.81
7.82
ns
–2
0.45
5.20 0.03 1.14 0.32
5.20
4.33 2.98 3.32 7.73
6.86
ns
100 µA
8 mA
Std.
0.60
4.89 0.04 1.52 0.43
4.89
3.92 4.31 4.98 8.28
7.32
ns
–1
0.51
4.16 0.04 1.29 0.36
4.16
3.34 3.67 4.24 7.04
6.22
ns
–2
0.45
3.65 0.03 1.14 0.32
3.65
2.93 3.22 3.72 6.18
5.46
ns
100 µA
16 mA
Std.
0.60
4.89 0.04 1.52 0.43
4.89
3.92 4.31 4.98 8.28
7.32
ns
–1
0.51
4.16 0.04 1.29 0.36
4.16
3.34 3.67 4.24 7.04
6.22
ns
–2
0.45
3.65 0.03 1.14 0.32
3.65
2.93 3.22 3.72 6.18
5.46
ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. Software default selection highlighted in gray.
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com