| Moteur de recherche de fiches techniques de composants électroniques |
|
SL3ICS1002FUG Fiches technique(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002FUG Fiches technique(HTML) 28 Page - NXP Semiconductors |
|
28 / 51 page ![]() 139037 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.7 — 9 October 2012 139037 28 of 51 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 14.8.1 Select For a detailed description of the mandatory Select command refer to Section 17, Ref. 1, section 6.3.2.10. 14.9 Mandatory Inventory Commands Inventory commands are used to run the collision arbitration protocol. 14.9.1 Query For a detailed description of the mandatory Query command refer to Section 17, Ref. 1, section 6.3.2.10. 14.9.2 QueryAdjust For a detailed description of the mandatory QueryAdjust command refer to Section 17, Ref. 1, section 6.3.2.10. 14.9.3 QueryRep For a detailed description of the mandatory QueryRep command refer to Section 17, Ref. 1, section 6.3.2.10. 14.9.4 ACK For a detailed description of the mandatory ACK command refer to Section 17, Ref. 1, section 6.3.2.10. 14.9.5 NAK For a detailed description of the mandatory NAK command refer to Section 17, Ref. 1, section 6.3.2.10. |