Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL3ICS1002FUG Fiches technique(PDF) 27 Page - NXP Semiconductors

No de pièce SL3ICS1002FUG
Description  UCODE G2XM and G2XL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002FUG Fiches technique(HTML) 27 Page - NXP Semiconductors

Back Button SL3ICS1002FUG Datasheet HTML 23Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 24Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 25Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 26Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 27Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 28Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 29Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 30Page - NXP Semiconductors SL3ICS1002FUG Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
139037
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 9 October 2012
139037
27 of 51
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
14.7.2 State transition tables
The G2X responses to interrogator commands are defined by State Annex B transition
tables in Section 17, Ref. 1. Following states are implemented on the G2X:
• Ready, for a description refer to Section 17, Ref. 1, Annex B.1.
• Arbitrate, for a description refer to Section 17, Ref. 1, Annex B.2.
• Reply, for a description refer to Section 17, Ref. 1, Annex B.3.
• Acknowledged, for a description refer to Section 17, Ref. 1, Annex B.4.
• Open, for a description refer to Section 17, Ref. 1, Annex B.5.
• Secured, for a description refer to Section 17, Ref. 1, Annex B.6.
• Killed, for a description refer to Section 17, Ref. 1, Annex B.7.
14.7.3 Command response tables
The G2X responses to interrogator commands are described in following Annex C
sections of Section 17, Ref. 1:
• Power-up, for a description refer to Section 17, Ref. 1, Annex C.1.
• Query, for a description refer to Section 17, Ref. 1, Annex C.2.
• QueryRep, for a description refer to Section 17, Ref. 1, Annex C.3.
• QueryAdjust, for a description refer to Section 17, Ref. 1, Annex C.4.
• ACK, for a description refer to Section 17, Ref. 1, Annex C.5.
• NAK, for a description refer to Section 17, Ref. 1, Annex C.6.
• Req_RN, for a description refer to Section 17, Ref. 1, Annex C.7.
• Select, for a description refer to Section 17, Ref. 1, Annex C.8.
• Read, for a description refer to Section 17, Ref. 1, Annex C.9.
• Write, for a description refer to Section 17, Ref. 1, Annex C.10.
• Kill, for a description refer to Section 17, Ref. 1, Annex C.11.
• Lock, for a description refer to Section 17, Ref. 1, Annex C.12.
• Access, for a description refer to Section 17, Ref. 1, Annex C.13.
• T2 time-out, for a description refer to Section 17, Ref. 1, Annex C.17.
• Invalid command, for a description refer to Section 17, Ref. 1, Annex C.18.
14.7.4 Example data-flow exchange
For data flow-exchange examples refer to Section 17, Ref. 1, Annex K:
• K.1 Overview of the data-flow exchange
• K.2 Tag memory contents and lock-field values
• K.3 Data-flow exchange and command sequence
14.8 Mandatory Select Commands
Select commands select a particular UCODE G2X tag population based on user-defined
criteria.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51