Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBLC01QTR Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STBLC01QTR
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBLC01QTR Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STBLC01QTR Datasheet HTML 28Page - STMicroelectronics STBLC01QTR Datasheet HTML 29Page - STMicroelectronics STBLC01QTR Datasheet HTML 30Page - STMicroelectronics STBLC01QTR Datasheet HTML 31Page - STMicroelectronics STBLC01QTR Datasheet HTML 32Page - STMicroelectronics STBLC01QTR Datasheet HTML 33Page - STMicroelectronics STBLC01QTR Datasheet HTML 34Page - STMicroelectronics STBLC01QTR Datasheet HTML 35Page - STMicroelectronics STBLC01QTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Vendor HCI commands
STLBC01
32/40
DocID022984 Rev 2
9.3.2
Return parameters for STBLC_SVLD_MEASUREMENT
9.3.3
Returned events for STBLC_SVLD_MEASUREMENT
Command complete event.
9.4
STBLC_SET_RF_POWER_LEVEL
9.4.1
Command parameters for STBLC_SET_RF_POWER_LEVEL
9.4.2
Return parameters for STBLC_SET_RF_POWER_LEVEL
9.4.3
Returned events for STBLC_SET_RF_POWER_LEVEL
Command complete event.
Table 22. Return parameters for STBLC_SVLD_MEASUREMENT
Parameter
Size
Description
Status
1
Standard Bluetooth error codes
Result
1
0x00 = voltage is above the level
0x01 = voltage is below the level
Table 23. Command parameters for STBLC_SET_RF_POWER_LEVEL
Parameter
Size
Description
Level
1
0x00 = -18 dBm
0x01 = -15 dBm
0x02 = -12 dBm
0x03 = -9 dBm
0x04 = -6 dBm
0x05 = -3 dBm
0x06 = 0 dBm
0x07 = +3 dBm
0x08-0xFF = reserved
Table 24. Return parameters for STBLC_SET_RF_POWER_LEVEL
Parameter
Size
Description
Status
1
Standard BT error codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40