| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV820AILT Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LMV820AILT Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 32 page ![]() Ordering information LMV82x, LMV82xA 30/32 Doc ID 022467 Rev 3 Table 22. Order codes (automotive grade parts) Order code Temperature range Package Packing Marking LMV821IYLT -40 ° C to +125 ° C Automotive grade(1) 1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent. SOT23-5 Tape & reel K167 LMV822IYST MiniSO8 K167 LMV822IYDT SO8 LMV822IY LMV824IYDT SO14 LMV824IY LMV824IYPT TSSOP14 LMV821AIYLT -40 ° C to +125 ° C Automotive grade(1) SOT23-5 Tape & reel K168 LMV822AIYST MiniSO8 K168 LMV822AIYDT SO8 LMV822AY LMV824AIYDT SO14 LMV824AIY LMV824AIYPT TSSOP14 |