| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV820AILT Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LMV820AILT Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 32 page ![]() LMV82x, LMV82xA Ordering information Doc ID 022467 Rev 3 29/32 6 Ordering information Table 21. Order codes (with shutdown pin) Table 20. Order codes Order code Temperature range Package Packing Marking LMV821ICT -40 ° C to +125 ° C SC70-5 Tape & reel K1S LMV821ILT SOT23-5 K155 LMV822IQ2T DFN8 2x2 K1S LMV822IST MiniSO8 K155 LMV822IDT SO8 LMV822I LMV824IPT TSSOP14 LMV824I LMV824IDT SO14 LMV824I LMV821AICT -40 ° C to +125 ° C SC70-5 Tape & reel K1T LMV821AILT SOT23-5 K156 LMV822AIST MiniSO8 K156 LMV822AIDT SO8 LMV822AI LMV824AIPT TSSOP14 LMV824AI LMV824AIDT SO14 LMV824AI Order code Temperature range Package Packing Marking LMV820ILT -40 ° C to +125 ° C SOT23-6 Tape & reel K155 LMV823IST MiniSO10 K155 LMV825IPT TSSOP16 LMV825I LMV820AILT -40 ° C to +125 ° C SOT23-6 Tape & reel K156 LMV823AIST MiniSO10 K156 LMV825AIPT TSSOP16 LMV825AI |