Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CDT Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce TL431CDT
Description  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431CDT Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button TL431CDT Datasheet HTML 13Page - STMicroelectronics TL431CDT Datasheet HTML 14Page - STMicroelectronics TL431CDT Datasheet HTML 15Page - STMicroelectronics TL431CDT Datasheet HTML 16Page - STMicroelectronics TL431CDT Datasheet HTML 17Page - STMicroelectronics TL431CDT Datasheet HTML 18Page - STMicroelectronics TL431CDT Datasheet HTML 19Page - STMicroelectronics TL431CDT Datasheet HTML 20Page - STMicroelectronics TL431CDT Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TL431, TL432
Package mechanical data
Doc ID 4467 Rev 11
17/21
4.6
SOT323-6 package information
Figure 29.
SOT323-6 package mechanical drawing
Table 11.
SOT323-6 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.10
0.031
0.043
A1
0
0.10
0.004
A2
0.80
1.00
0.031
0.039
b
0.15
0.30
0.006
0.012
c
0.10
0.18
0.004
0.007
D
1.80
2.20
0.071
0.087
E
1.15
1.35
0.045
0.053
e
0.65
0.026
HE
1.80
2.40
0.071
0.094
L
0.10
0.40
0.004
0.016
Q1
0.10
0.40
0.004
0.016
7095021_E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21