| Moteur de recherche de fiches techniques de composants électroniques |
|
TL431CDT Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL431CDT Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 21 page ![]() TL431, TL432 Package mechanical data Doc ID 4467 Rev 11 13/21 4.2 TO-92 ammopack and tape and reel package information Figure 25. TO-92 ammopack and tape and reel package mechanical drawing Table 7. TO-92 ammopack and tape and reel package mechanical data Dim. Millimeters Inches Min. Typ. Max. Min. Typ. Max. A1 5.0 0.197 A5.0 0.197 T4.0 0.157 d 0.45 0.018 I1 2.5 0.098 P 11.7 12.7 13.7 0.461 0.500 0.539 PO 12.4 12.7 13 0.488 0.500 0.512 P2 5.95 6.35 6.75 0.234 0.250 0.266 F1/F2 2.4 2.5 2.8 0.094 0.098 0.110 Δh -1 0 1 -0.039 0 0.039 ΔP -1 0 1 -0.039 0 0.039 W 17.5 18.0 19.0 0.689 0.709 0.748 W0 5.7 6 6.3 0.224 0.236 0.248 W1 8.5 9 9.75 0.335 0.354 0.384 W2 0.5 0.020 H20 0.787 H0 15.5 16 16.5 0.610 0.630 0.650 H1 25 0.984 DO 3.8 4.0 4.2 0.150 0.157 0.165 L1 11 0.433 |