| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S005K6 Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S005K6 Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 103 page ![]() Description (1) Option byte no. 0: AFR2 remapping option inactive: Default alternate function (2). 1: Port D0 alternate function = CLK_CCO.Note: AFR2 option has priority over AFR3 if both are activated. AFR1 Alternate function remapping option 1 0: AFR1 remapping option inactive: Default alternate functions (2). 1: Port A3 alternate function = TIM3_CH1; port D2 alternate function TIM2_CH3. AFR0 Alternate function remapping option 0 0: AFR0 remapping option inactive: Default alternate function (2). 1: Port D3 alternate function = ADC_ETR. (1) Do not use more than one remapping option in the same port. (2) Refer to pinout description. DocID022186 Rev 3 48/103 STM8S005K6 STM8S005C6 Option bytes |