| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S005K6 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S005K6 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 103 page ![]() STM8S005 pinouts and pin description 5.1 Figure 3: LQFP 48-pin pinout 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 (HS) PA6 PC1 (HS)/TIM1_CH1/UART2_CK PE5/SPI_NSS PG1 VSSIO_2 PC5 (HS)/SPI_SCK PC4 (HS)/TIM1_CH4 PC3 (HS)/TIM1_CH3 P C2 (HS)/TIM1_CH2 PG0 PC7 (HS)/SPI_MISO PC6 (HS)/SPI_MOSI VDDIO_2 VSS VCAP VDD VDDIO_1 [TIM3_CH1] TIM2_CH3/PA3 (HS) PA4 (HS) PA5 NRST OSCIN/PA1 OSCOUT/PA2 V SSIO_1 1. (HS) high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). DocID022186 Rev 3 20/103 STM8S005K6 STM8S005C6 Pinout and pin description |