Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8315 Fiches technique(PDF) 87 Page - Freescale Semiconductor, Inc

No de pièce MPC8315
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315 Fiches technique(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC8315 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
87
Package and Pin Listings
USB_DP
A11
I/O
USB_VDDA
—
USB_DM
A12
I/O
USB_VDDA
—
USB_VBUS
C12
I
—
—
USB_TPA
A14
O
—
—
USB_RBIAS
D14
I
—
8
USB_PLL_PWR3
A13
I
—
—
USB_PLL_GND0 & USB_PLL_GND1
D13
I
—
—
USB_PLL_PWR1
B13
I
—
—
USB_VSSA_BIAS
E14
I
—
—
USB_VDDA_BIAS
C14
I
—
—
USB_VSSA
E13
I
—
—
USB_VDDA
E12
I
—
—
GPIO
GPIO_0/DMA_DREQ1/GTM1_TOUT1
C5
I/O
NVDD1_ON
—
GPIO_1/DMA_DACK1/GTM1_TIN2/GTM2_
TIN1
A4
I/O
NVDD1_ON
—
GPIO_2/DMA_DONE1/GTM1_TGATE2/GT
M2_TGATE1
K3
I/O
NVDD4_OFF
—
GPIO_3/GTM1_TIN3/GTM2_TIN4
K1
I/O
NVDD4_OFF
—
GPIO_4/GTM1_TGATE3/GTM2_TGATE4
K2
I/O
NVDD4_OFF
—
GPIO_5/GTM1_TOUT3/GTM2_TOUT1
L5
I/O
NVDD4_OFF
—
GPIO_6/GTM1_TIN4/GTM2_TIN3
L3
I/O
NVDD4_OFF
—
GPIO_7/GTM1_TGATE4/GTM2_TGATE3
L1
I/O
NVDD4_OFF
—
GPIO_8/USBDR_DRIVE_VBUS/GTM1_TI
N1/GTM2_TIN2
M1
I/O
NVDD4_OFF
—
GPIO_9/USBDR_PWRFAULT/GTM1_TGAT
E1/GTM2_TGATE2
M2
I/O
NVDD4_OFF
—
GPIO_10/USBDR_PCTL0/GTM1_TOUT2/
GTM2_TOUT1
M5
I/O
NVDD4_OFF
—
GPIO_11/USBDR_PCTL1/GTM1_TOUT4/
GTM2_TOUT3
M4
I/O
NVDD4_OFF
—
SPI
SPIMOSI/GPIO_15
W3
I/O
NVDD1_OFF
—
SPIMISO/GPIO_16
W4
I/O
NVDD1_OFF
—
SPICLK
Y1
I/O
NVDD1_OFF
—
SPISEL/GPIO_17
W2
I/O
NVDD1_OFF
—
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More