Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8315 Fiches technique(PDF) 82 Page - Freescale Semiconductor, Inc

No de pièce MPC8315
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315 Fiches technique(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8315 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
82
Freescale Semiconductor
Package and Pin Listings
JTAG
TCK
E5
I
NVDD1_ON
—
TDI
B4
I
NVDD1_ON
4
TDO
C4
O
NVDD1_ON
3
TMS
C3
I
NVDD1_ON
4
TRST
C2
I
NVDD1_ON
4
TDM
GPIO_18/TDM_RCK
AB1
I/O
NVDD1_OFF
—
GPIO_20/TDM_RD
AC1
I/O
NVDD1_OFF
—
GPIO_19/TDM_RFS
AB3
I/O
NVDD1_OFF
—
GPIO_21/TDM_TCK
AB5
I/O
NVDD1_OFF
—
GPIO_23/TDM_TD
AC3
I/O
NVDD1_OFF
—
GPIO_22/TDM_TFS
AC2
I/O
NVDD1_OFF
—
SATA
PINRXMINUSA
N28
I
VDD1IO
—
PINRXMINUSB
U28
I
VDD1IO
—
PINRXPLUSA
M28
I
VDD1IO
—
PINRXPLUSB
T28
I
VDD1IO
—
PINTXMINUSA
M25
O
VDD1IO
—
PINTXMINUSB
P26
O
VDD1IO
—
PINTXPLUSA
N25
O
VDD1IO
—
PINTXPLUSB
R26
O
VDD1IO
—
SATA_ANAVIZ
U26
O
—
—
SATA_CLK_IN
V27
I
NVDD3_OFF
—
SATA_VDD
N27
I
—
—
SATA_VDD
U23
I
—
—
SATA_VSS
M27
I
—
—
SATA_VSS
V28
I
—
—
VSSRESREF
T26
I
—
—
RESREF
T25
I
—
10
VDD33ANA
U27
I
—
—
VDD33PLL
T27
I
—
—
TEST
TEST_MODE
D6
I
NVDD1_ON
6
DEBUG
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More