| Moteur de recherche de fiches techniques de composants électroniques |
|
2STP535FP Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STP535FP Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() August 2009 Doc ID 16132 Rev 1 1/8 8 2STP535FP NPN power Darlington transistor Features ■ Monolithic Darlington transistor with integrated antiparallel collector-emitter diode ■ Very high DC current gain Applications ■ Electronic ignition ■ AC-DC motor control ■ Alternator regulator Description The 2STP535FP is a planar NPN power transistor in monolithic Darlington configuration mounted in TO-220FP fully isolated package. Figure 1. Internal schematic diagram 1 2 3 TO-220FP R typ. = 75 Ω Table 1. Device summary Order code Marking Package Packaging 2STP535FP 2STP535FP TO-220FP Tube www.st.com |
Numéro de pièce similaire - 2STP535FP |
|
Description similaire - 2STP535FP |