Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PVZ3G103C01R00 Fiches technique(PDF) 10 Page - Murata Manufacturing Co., Ltd.

No de pièce PVZ3G103C01R00
Description  TRIMMER POTENTIOMETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G103C01R00 Fiches technique(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button PVZ3G103C01R00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
10/12
UNCONTROLLED
COPY
REFERENCE ONLY
10. Taping Specifications
10.1 Plastic tape dimensions
10.2 Reel dimensions
(Note)
(1) Please choose the part package direction from R00 or R02.
(2) Marking on the reel: 1. Customer part number
2. Murata part number
3. Murata inspection number
4. Quantity
13.0±0.5 dia.
21.0±0.8
dia.
2.0±0.5
178±2 Dia.
9.0±1.0
13.0±1.0
(Unit: mm)
a
a'
dia.
4.0±0.1
4.0±0.1
2.0±0.1
1.5
+0.1
-0
0.2±0.1
1.3±0.1
3.3±0.2
unit:mm
Tape Feeding Direction
R02
R00
(Standard Type)
(Option Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12