| Moteur de recherche de fiches techniques de composants électroniques |
|
PVZ3G103C01R00 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PVZ3G103C01R00 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
|
1 / 12 page ![]() SPECIFICATION No. JVR03Z-7148B 1/12 UNCONTROLLED COPY REFERENCE ONLY -CONTENTS- 1. SCOPE 2. MURATA PART NUMBER 3. OUTLINE DIMENSIONS AND MARKINGS 4. CHARACTERISTICS 4.1 Electrical Characteristics 4.2 Mechanical Characteristics 4.3 Environmental Characteristics 4.4 Other Characteristics 5. TEST METHOD 5.1 Contact Resistance Variation (CRV) 5.2 Temperature Coefficient of Resistance 5.3 Permitted Force of Driver Plate 5.4 Soldering Strength 5.5 High Temperature Exposure 5.6 Humidity Exposure 5.7 Load Life 5.8 Humidity Load Life 5.9 Temperature Cycle 5.10 Rotational Life 5.11 Vibration 5.12 Resistance to Soldering Heat 5.13 Solderability 6. CAUTION 7. CAUTION FOR USING 7.1 Mounting the product 7.2 Soldering 7.3 Cleaning 7.4 Adjusting 7.5 Operating Environmental Conditions 7.6 Storage Conditions 7.7 Circuit Design Guide 8. NOTICE 9. OUTLINE DIMENSIONS 10. TAPING SPECIFICATIONS 10.1 Plastic Tape Dimensions 10.2 Reel Dimensions 11. PART NUMBERS CROSS REFERENCE TABLE SPECIFICATION FOR SUPPLIED PRODUCT TRIMMER POTENTIOMETER / PVZ3G C01 SERIES |
Numéro de pièce similaire - PVZ3G103C01R00 |
|
Description similaire - PVZ3G103C01R00 |